Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-4860 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-4860
Description  High Power Infrared Emitter (850nm) in Surface Mount Package
File Size   178.87 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-4860 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - ASDL-4860

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C22 AVAGO-ASDL-4262-C22 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C31 AVAGO-ASDL-4262-C31 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
ASDL-4263 LITEON-ASDL-4263 Datasheet
143Kb / 4P
Property of Lite-On Only
More results


Similar Description - ASDL-4860

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
High Power Infrared Emitter (850nm) in SMR
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
Infrared Emitter (850nm) in SMR
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
High Power Infrared Emitter (850nm) in SMR짰 Package
logo
CT Micro International ...
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP1608W11-B10 CTMICRO-HIRP1608W11-B10 Datasheet
1,001Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
SMD Type 850nm Infrared Emitter
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com