Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

934980104 Datasheet (PDF) - Belden Inc.

Part # 934980104
Description  M12 Power Receptacle Connector: Male, front mount (positionable), 4-pin, T-coded, silver housing, 50 V AC / 60 V DC, 16 A
File Size   376.24 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

934980104 Datasheet (PDF) - Belden Inc.



Similar Part No. - 934980104

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934980102 BELDEN-934980102 Datasheet
404Kb / 2P
M12 Power Receptacle Connector: Male, front mount (positionable), 5-pin(4FE), L-coded, shielded, silver housing, 50 V AC / 60 V DC, 16 A
934980106 BELDEN-934980106 Datasheet
404Kb / 2P
M12 Power Receptacle Connector: Male, front mount (positionable), 5-pin(4FE), L-coded, shielded, silver housing, 50 V AC / 60 V DC, 16 A
More results


Similar Description - 934980104

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
logo
Schneider Electric
LC1D50A3ND SCHNEIDER-LC1D50A3ND Datasheet
147Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 60 V DC standard coil
Jan 4, 2021
LC1D50A6ND SCHNEIDER-LC1D50A6ND Datasheet
134Kb / 3P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 60 V DC standard coil
Jan 4, 2021
SSP1A450BD SCHNEIDER-SSP1A450BD Datasheet
118Kb / 5P
Harmony, Solid state relay, 50 A, DIN rail mount, zero voltage switching, input 4??2 V DC, output 48??60 V AC
Aug 18, 2021
LC1DT60AM7 SCHNEIDER-LC1DT60AM7 Datasheet
118Kb / 4P
TeSys D contactor - 4P(4 NO) - AC-1 - <= 440V 60 A - 220 V AC 50/60 Hz coil
Aug 17, 2019
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com