Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C036 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC-C036
Description  WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
File Size   344.98 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C036 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC-C036

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC-C031 HITTITE-HMC-C031 Datasheet
237Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC-C031 HITTITE-HMC-C031 Datasheet
216Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC-C031 HITTITE-HMC-C031_V01 Datasheet
216Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC-C032 HITTITE-HMC-C032 Datasheet
262Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 18 - 29 GHz OUTPUT
More results


Similar Description - HMC-C036

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TGM-04-0001 TELEDYNE-TGM-04-0001 Datasheet
897Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0002 TELEDYNE-TGM-04-0002 Datasheet
909Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0004 TELEDYNE-TGM-04-0004 Datasheet
898Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0005 TELEDYNE-TGM-04-0005 Datasheet
909Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0006 TELEDYNE-TGM-04-0006 Datasheet
898Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
logo
Hittite Microwave Corpo...
HMC-C037 HITTITE-HMC-C037 Datasheet
326Kb / 6P
WIDEBAND POWER AMPLIFIER BENCHTOP MODULE, 0.5 - 15 GHz
logo
Teledyne Technologies I...
CGM-04-0002 TELEDYNE-CGM-04-0002 Datasheet
914Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0004 TELEDYNE-CGM-04-0004 Datasheet
914Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0005 TELEDYNE-CGM-04-0005 Datasheet
914Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0006 TELEDYNE-CGM-04-0006 Datasheet
914Kb / 2P
Module Amplifier 0.5 GHz - 4 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com