Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1174406 Datasheet (PDF) - PHOENIX CONTACT

Part # 1174406
Description  UCS DIN 145-H 9005 - DIN rail adapter
File Size   193.63 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1174406 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1174406

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1174 JMK-1174 Datasheet
52Kb / 1P
Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
logo
Heyco.
1174 HEYCO-1174 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Coherent Corp
1174257 COHERENT-1174257 Datasheet
723Kb / 4P
Air-Cooled Thermopile Sensors to 150 W
1174258 COHERENT-1174258 Datasheet
723Kb / 4P
Air-Cooled Thermopile Sensors to 150 W
1174260 COHERENT-1174260 Datasheet
772Kb / 7P
High-Sensitivity Thermopile USB and RS-232 Sensors to 2 W
More results


Similar Description - 1174406

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
PHOENIX CONTACT
2902078 PHOENIX-2902078 Datasheet
50Kb / 1P
DIN rail adapter - EEM-MKT-DRA
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
logo
HARTING Technology Grou...
09-10-000-9912 HARTING-09-10-000-9912 Datasheet
491Kb / 1P
Han 1A-Din rail adapter
09-10-000-9911 HARTING-09-10-000-9911 Datasheet
483Kb / 1P
Han 1A-Din rail adapter
logo
PHOENIX CONTACT
1041740 PHOENIX-1041740 Datasheet
134Kb / 10P
DIN rail adapter - NBC-PP-G1PGY
09/11/2020
2203401 PHOENIX-2203401 Datasheet
53Kb / 2P
Mounting set - UCS GD 9005
09/12/2020
2864671 PHOENIX-2864671 Datasheet
52Kb / 2P
Adapter - MCR-DIN-RAIL-ADAPTER HT
09/12/2020
2701133 PHOENIX-2701133 Datasheet
171Kb / 4P
DIN rail adapter - FL EPA RMS
Dec 6, 2022
2832519 PHOENIX-2832519 Datasheet
139Kb / 4P
DIN rail adapter - FL RA SF8
Dec 6, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com