Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2908368 Datasheet (PDF) - PHOENIX CONTACT

Part # 2908368
Description  UPS-BAT-KIT-WTR 2X12V/13AH - Uninterruptible power supply replacement battery
File Size   195.08 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908368 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2908368

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908360 PHOENIX-2908360 Datasheet
179Kb / 5P
FUSE 15A/32V FK1 - Fuse
2908361 PHOENIX-2908361 Datasheet
181Kb / 5P
FUSE 15A/32V FKS ATO - Fuse
2908362 PHOENIX-2908362 Datasheet
149Kb / 11P
Lower part of housing, fully assembled, with metal foot catch.
2908364 PHOENIX-2908364 Datasheet
182Kb / 5P
FUSE 10A/32V FK1 - Fuse
2908365 PHOENIX-2908365 Datasheet
186Kb / 5P
FUSE 30A/32V ATOF - Fuse
More results


Similar Description - 2908368

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
RBC48V-HGTWR TRIPPLITE-RBC48V-HGTWR Datasheet
159Kb / 2P
UPS Replacement Battery Cartridge Kit for SMART2500XLHG UPS
logo
Ultralife Corporation.
URB1270 ULTRALIFE-URB1270 Datasheet
598Kb / 2P
UPS battery replacement
Rev: G
logo
PHOENIX CONTACT
2320416 PHOENIX-2320416 Datasheet
100Kb / 6P
Energy storage - UPS-BAT/VRLA-WTR/24DC/13AH
09/12/2020
2320429 PHOENIX-2320429 Datasheet
99Kb / 6P
Energy storage - UPS-BAT/VRLA-WTR/24DC/26AH
09/12/2020
2800275 PHOENIX-2800275 Datasheet
69Kb / 4P
Uninterruptible power supply - UPS-CP-2KVA/240AC
11/05/2018
2908234 PHOENIX-2908234 Datasheet
55Kb / 2P
Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/7,2AH
09/12/2020
2908235 PHOENIX-2908235 Datasheet
56Kb / 2P
Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/12AH
09/12/2020
logo
Schneider Electric
HMIYUPSKT11 SCHNEIDER-HMIYUPSKT11 Datasheet
90Kb / 2P
Battery backup, Harmony iPC, Uninterruptible Power Supply Kit (UPS Battery 3 m cable)
May 9, 2022
logo
PHOENIX CONTACT
2908237 PHOENIX-2908237 Datasheet
56Kb / 2P
Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/38AH
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
Uninterruptible Power Supply (UPS)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com