Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0915443 Datasheet (PDF) - PHOENIX CONTACT

Part # 0915443
Description  TMC 3 M1 122 20,0A - Thermal-magnetic device circuit breaker
File Size   194.4 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915443 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0915443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915444 PHOENIX-0915444 Datasheet
194Kb / 6P
TMC 3 M1 122 25,0A - Thermal-magnetic device circuit breaker
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0915446 PHOENIX-0915446 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 0,1A
2/3/14
More results


Similar Description - 0915443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914426 PHOENIX-0914426 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,8A
04.10.2012
0914497 PHOENIX-0914497 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 5,0A
11.06.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
0915373 PHOENIX-0915373 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A
11.06.2012
0915399 PHOENIX-0915399 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 5,0A
11.06.2012
0915438 PHOENIX-0915438 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A
11.06.2012
0915467 PHOENIX-0915467 Datasheet
61Kb / 5P
Thermomagnetic device circuit breaker - TMC 2 M1 110 2,0A
07/19/2018
0915496 PHOENIX-0915496 Datasheet
91Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A 500V
07/19/2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com