Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

207S8E Datasheet (PDF) - Hittite Microwave Corporation

Part # 207S8E
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
File Size   239.87 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

207S8E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 207S8E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
207 MARL-207 Datasheet
260Kb / 5P
Direct replacement for T1 쩐 Wedge Base F9
logo
Alpha Wire
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
M12-A Male 5 Pin Field Attachable
logo
Ashcroft, Inc.
207 ASHCROFT-207 Datasheet
528Kb / 4P
107/207, 108/208 In-Line Diaphragm Seals
RevC_06-21-21
logo
Walther-Werke
207 WALTHER-207 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Abbatron All Rights Res...
207-03 ABBATRON-207-03 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 207S8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com