Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1196 Datasheet (PDF) - Adafruit Industries

Part # 1196
Description  Slip Ring with Flange - 22mm diameter, 12 wires, max 240V @ 2A
File Size   180.26 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1196 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 1196

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1196-A XFMRS-1196-A Datasheet
30Kb / 1P
RF WIDEBAND TRANSFORMERS
1196-C XFMRS-1196-C Datasheet
30Kb / 1P
RF WIDEBAND TRANSFORMERS
1196-D XFMRS-1196-D Datasheet
30Kb / 1P
RF WIDEBAND TRANSFORMERS
logo
Festo Corporation.
119600 FESTO-119600 Datasheet
99Kb / 2P
Pilot valve
119601 FESTO-119601 Datasheet
99Kb / 2P
Pilot valve
More results


Similar Description - 1196

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PNF10-6R PANDUIT-PNF10-6R Datasheet
142Kb / 1P
12-10 NYLON INSULATED FUNNELED WIRE ENTRY RING TONGUE, .225(5.72) MAX, WIRE INSULATION DIAMETER
logo
List of Unclassifed Man...
QM6003 ETC2-QM6003 Datasheet
326Kb / 5P
Fits 7/8" (22mm) diameter holes
logo
PANDUIT CORP.
P8-14R-T PANDUIT-P8-14R-T Datasheet
60Kb / 1P
8 BARREL NON-INSULATED RING TONGUE 280 MAX WIRE NSUL DIAMETER
logo
LUMEX INC.
SSL-LX20R6GD LUMEX-SSL-LX20R6GD Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SID LUMEX-SSL-LX20R6SID Datasheet
51Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6SYD LUMEX-SSL-LX20R6SYD Datasheet
51Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6USBD LUMEX-SSL-LX20R6USBD Datasheet
53Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX20R6USBD-CL8 LUMEX-SSL-LX20R6USBD-CL8 Datasheet
52Kb / 1P
22mm Diameter 6 CHIP JUMBO LED LAMP
SSL-LX22R13SUGD LUMEX-SSL-LX22R13SUGD Datasheet
630Kb / 1P
22mm Diameter LAMP, 12 PINS
logo
Schneider Electric
NSYSPCP SCHNEIDER-NSYSPCP Datasheet
97Kb / 2P
Cable ducting support to be used with 22mm-diameter products
Nov 24, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com