Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSR30120 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR30120
Description  Super-Fast Recovery Diodes 30A FRD Pt
File Size   1660.76 Kbytes
Html View  1   2   3   4 
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR30120 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd



Similar Part No. - MTSR30120

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR30120F LUGUANG-MTSR30120F Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
More results


Similar Description - MTSR30120

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20170701-P1
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR860D LUGUANG-MUR860D Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 8A FRD Pt
Revision:20170701-P1
MSTR1260 LUGUANG-MSTR1260 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 12A FRD Pt
Revision:20230407-P1
MTSR15120 LUGUANG-MTSR15120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MTSR1560 LUGUANG-MTSR1560 Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060 LUGUANG-MTSR3060 Datasheet
1Mb / 3P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR860 LUGUANG-MTSR860 Datasheet
867Kb / 4P
Super-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
MUR2060 LUGUANG-MUR2060 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com