Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ227SSZ Datasheet (PDF) - Panasonic Semiconductor

Part # ATQ227SSZ
Description  Signal Relays ( 2 A or less )
File Size   600.42 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ227SSZ Datasheet (PDF) - Panasonic Semiconductor



Similar Part No. - ATQ227SSZ

ManufacturerPart #DatasheetDescription
logo
Mersen
ATQ2 MERSEN-ATQ2 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/2 MERSEN-ATQ2-1/2 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/4 MERSEN-ATQ2-1/4 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/8 MERSEN-ATQ2-1/8 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-8/10 MERSEN-ATQ2-8/10 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
More results


Similar Description - ATQ227SSZ

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-16F KSS-CX-16F Datasheet
164Kb / 1P
Compact, thickness 1.6mm or less.
logo
Hirose Electric
BM10B-44DP-0.4V HIROSE-BM10B-44DP-0.4V Datasheet
216Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
BM10B-50DP-0.4V HIROSE-BM10B-50DP-0.4V Datasheet
227Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
BM10B-10DP-0.4V HIROSE-BM10B-10DP-0.4V Datasheet
185Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
Relays, Signal, EC2
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com