Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1-32 Datasheet (PDF) - Eaton All Rights Reserved.

Part # P1-32
Description  Main switch, 3 pole, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, rear mounting
File Size   362.37 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32 Datasheet (PDF) - Eaton All Rights Reserved.



Similar Part No. - P1-32

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-32 EATON-P1-32 Datasheet
306Kb / 4P
Main�switchFlush�mounting
02/17/2014
P1-32 EATON-P1-32 Datasheet
334Kb / 6P
Main switch, 3 pole N, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/18/2016
P1-32 EATON-P1-32 Datasheet
331Kb / 6P
Main switch, 3 pole N, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
P1-32 EATON-P1-32 Datasheet
373Kb / 6P
Main switch, P1, 32 A, flush mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-32/EA/SVB EATON-P1-32/EA/SVB Datasheet
306Kb / 4P
Main�switchFlush�mounting
02/17/2014
More results


Similar Description - P1-32

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF1 SCHNEIDER-VCF1 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jul 12, 2021
VCCD1 SCHNEIDER-VCCD1 Datasheet
96Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jul 12, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
K30C003AP SCHNEIDER-K30C003AP Datasheet
192Kb / 10P
cam switch - 3-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K30C003HP SCHNEIDER-K30C003HP Datasheet
190Kb / 10P
cam switch - 3-pole - 90째 - 32 A - screw mounting
Feb 3, 2022
VCCD1 SCHNEIDER-VCCD1_V01 Datasheet
110Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jun 13, 2022
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF1 SCHNEIDER-VCF1_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VVE1 SCHNEIDER-VVE1_V01 Datasheet
149Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jun 13, 2022
logo
Eaton All Rights Reserv...
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com