Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1433040 Datasheet (PDF) - PHOENIX CONTACT

Part # 1433040
Description  NEARFI 2000 R - Inductive coupler
File Size   1261.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1433040 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1433040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1433041 PHOENIX-1433041 Datasheet
2Mb / 18P
NEARFI 2000 B - Inductive coupler
1433046 PHOENIX-1433046 Datasheet
3Mb / 20P
NEARFI 200 R - Inductive coupler
1433047 PHOENIX-1433047 Datasheet
3Mb / 20P
NEARFI 200 B - Inductive coupler
1433049 PHOENIX-1433049 Datasheet
3Mb / 20P
NEARFI 2200 R - Inductive coupler
More results


Similar Description - 1433040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
logo
Mini-Circuits
ZX30-17-5 MINI-ZX30-17-5 Datasheet
66Kb / 1P
Directional Coupler 50??5 to 2000 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
Directional Coupler 50廓 5 to 2000 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
Directional Coupler 75廓 5 to 2000 MHz
logo
PHOENIX CONTACT
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234229 PHOENIX-1234229 Datasheet
3Mb / 21P
Inductive coupler - NEARFI P 2A R
Dec 6, 2022
1234232 PHOENIX-1234232 Datasheet
4Mb / 35P
Inductive coupler - NEARFI D ETH B
Dec 6, 2022
1234234 PHOENIX-1234234 Datasheet
4Mb / 37P
Inductive coupler - NEARFI D ETH R
Dec 6, 2022
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com