Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP000015 Datasheet (PDF) - Multicomp Pro

Part # PP000015
Description  Defence Standard/BS4808 0.5mm2 (16/0.2mm) PVC Equipment Wires - 100m Reel
File Size   147.1 Kbytes
Html View  1 
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP000015 Datasheet (PDF) - Multicomp Pro



Similar Part No. - PP000015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP000010 ETC-PP000010 Datasheet
110Kb / 1P
Heatshrink Boot
15/08/11
PP000011 ETC-PP000011 Datasheet
110Kb / 1P
Heatshrink Boot
15/08/11
More results


Similar Description - PP000015

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
logo
Molex Electronics Ltd.
1300900018 MOLEX11-1300900018 Datasheet
33Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
1300900019 MOLEX11-1300900019 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m
1300910020 MOLEX11-1300910020 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
1300910021 MOLEX11-1300910021 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
1300910023 MOLEX11-1300910023 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
Defence
logo
List of Unclassifed Man...
E0508 ETC1-E0508 Datasheet
91Kb / 1P
Cable Ferrule - Insulated 0.5mm2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com