Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUT-QS12 Datasheet (PDF) - Structured Cable Products Inc.

Part # LUT-QS12
Description  2C/12 AWG 2C/22 AWG TP (Wt/Pur) Shielded w/Drain
File Size   235.14 Kbytes
Html View  1 
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

LUT-QS12 Datasheet (PDF) - Structured Cable Products Inc.



Similar Part No. - LUT-QS12

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
LUT-QS12-LSZH STRUCTURED-CABLE-LUT-QS12-LSZH Datasheet
162Kb / 1P
2C/12 AWG 2C/22 AWG Shielded
More results


Similar Description - LUT-QS12

ManufacturerPart #DatasheetDescription
logo
Tensility International...
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00008 TENSILITY-30-00008 Datasheet
350Kb / 2P
Wire, 2C, 22 AWG, UL2468, 300V, 80C, 3.6mm, PVC, 80P
logo
General Cable Technolog...
C4192A GENERAL-C4192A Datasheet
59Kb / 1P
2C 22 AWG 7/30 TC PVC / OAS / PVC COMMUNICATION & CONTROL CABLE
C9009A GENERAL-C9009A Datasheet
70Kb / 1P
2C 22 AWG 7/30 TC PVC / PVC
C9109A GENERAL-C9109A Datasheet
70Kb / 1P
2C 22 AWG 7/30 TC PVC / OAS / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
C1357 GENERAL-C1357 Datasheet
57Kb / 1P
2C 18 AWG PVC PARALLEL
C136012 GENERAL-C136012 Datasheet
56Kb / 1P
2C 20 AWG PVC PARALLEL
logo
TE Connectivity Ltd
C-2361347 TEC-C-2361347 Datasheet
813Kb / 2P
SLIVER 2.0 2C 33 AWG LATERAL TO LATERAL
logo
Belden Inc.
5500FH BELDEN-5500FH Datasheet
151Kb / 2P
Security & Sound, #22-2c, TC, Shielded, CMR
12-20-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com