| Manufacturer | Part # | Datasheet | Description |
 Cherry Semiconductor Co... |
CS8101
|
196Kb / 8P |
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99 |
|
CS8140
|
214Kb / 12P |
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99 |
|
CS8151
|
196Kb / 8P |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99 |
|
CS8151C
|
142Kb / 8P |
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99 |
 ON Semiconductor |
CS8151
|
174Kb / 14P |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18 |
|
NCV8518B
|
172Kb / 13P |
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1 |
 Infineon Technologies A... |
TLS820F3ELV33
|
2Mb / 42P |
OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16 |
|
TLS820F3ELV50
|
2Mb / 42P |
OPTIREG™ linear TLS820F3ELV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16 |
|
TLS850F3TUV33
|
1Mb / 35P |
OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16 |
|
TLS850F3TUV50
|
1Mb / 35P |
OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16 |