Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0114 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0114
Description  PQFP-80 to DIP-80 SMT Adapter (0.65 mm pitch, 14 x 14 mm body)
File Size   49.28 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0114 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0114

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0114-S PROTOADVANTAGE-PA0114-S Datasheet
42Kb / 1P
PQFP-80 Stencil (0.65 mm pitch, 14 x 14 mm body)
revision 1.0
logo
Norgren Ltd
PA0114025 NORGREN-PA0114025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results


Similar Description - PA0114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
logo
Texas Instruments
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
logo
List of Unclassifed Man...
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
8400N ETC2-8400N Datasheet
125Kb / 1P
DC axial fans Series 8400 N 80 x 80 x 25 mm
logo
Texas Instruments
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com