Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL1224UC-MPY Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

Part # DL1224UC-MPY
Description  f=12mm F2.4 for 1/1.1 Type 12Megapixel cameras, Motorized Control Fixed-focal USB interface, C-Mount
File Size   616.95 Kbytes
Html View  1 
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

DL1224UC-MPY Datasheet (PDF) - CBC Group. CBC AMERICA LLC.



Similar Part No. - DL1224UC-MPY

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
DL1224UC/SC-MPY COMPUTAR-DL1224UC/SC-MPY Datasheet
747Kb / 2P
Motorized FA lens
05/26
More results


Similar Description - DL1224UC-MPY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
USB 1.1 USB Host with MP3 Interface Controller
logo
Assmann Electronics Inc...
A-USBPB-R ASSMANN-A-USBPB-R Datasheet
61Kb / 1P
USB, Type B, Assembly-Type, VERSION 1.1
AU-Y1005-R ASSMANN-AU-Y1005-R Datasheet
59Kb / 1P
USB 1.1 A/F DIP 90 Connector for PCB Mount, 5 Gold, White
logo
Tripp Lite. All Rights ...
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
USB 1.1 Gold Extension Cable (USB-A M-F)
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
logo
Global Connector Techno...
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4510 GCT-USB4510 Datasheet
163Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.6mm Offset
1st July 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com