Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN0010 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # CN0010
Description  USB - mini B adapter board
File Size   108.45 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

CN0010 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - CN0010

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
CN0011 PROTOADVANTAGE-CN0011 Datasheet
109Kb / 1P
Phono (RCA) Jack 3.20mm ID, 9.00mm OD adapter board
revision 1.1
CN0012 PROTOADVANTAGE-CN0012 Datasheet
109Kb / 1P
Jack 0.70mm ID, 2.35mm OD (EIAJ-1) adapter board
revision 1.1
CN0013 PROTOADVANTAGE-CN0013 Datasheet
109Kb / 1P
Jack 0.70mm ID, 2.35mm OD (EIAJ-1) adapter board
revision 1.1
CN0014 PROTOADVANTAGE-CN0014 Datasheet
108Kb / 1P
Jack 1.1mm ID, 3.0mm OD adapter board
revision 1.1
CN0015 PROTOADVANTAGE-CN0015 Datasheet
108Kb / 1P
Jack 1.1mm ID, 3.5mm OD adapter board
revision 1.1
More results


Similar Description - CN0010

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-6 ASSMANN-A-USB-6 Datasheet
44Kb / 1P
ADAPTER USB B MALE
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
MINI USB, SMT, B TYPE
logo
Future Technology Devic...
UB232R FTDI-UB232R Datasheet
401Kb / 12P
USB Mini-B FT232R Evaluation Module
logo
List of Unclassifed Man...
USB-M26FTR ETC2-USB-M26FTR Datasheet
84Kb / 1P
Mini USB - SMT Board Mount - B Type
logo
Assmann Electronics Inc...
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
A-USB-6-R ASSMANN-A-USB-6-R Datasheet
101Kb / 1P
USB Adapter, B Male to B Male
logo
Adam Technologies, Inc.
MUSB-B5-S-RA-TSMT-HC ADAM-TECH-MUSB-B5-S-RA-TSMT-HC Datasheet
92Kb / 1P
MINI USB TYPE B SINGLE PORT
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
Mini USB B Type Socket
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com