Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A26269 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # A26269
Description  50A, 230V, Temperature range-0-40°C Burst Fired Flicker Inhibited
File Size   419.86 Kbytes
Html View  1   2 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

A26269 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - A26269

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A26269 UNITEDAUTOMATION-A26269 Datasheet
420Kb / 3P
Up to 65ºC Thermistor – High-Precision Temperature Control
1 July 2025
More results


Similar Description - A26269

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZAX27A ETC2-ZAX27A Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
Multi-Range ON DELAY TIMER/FLICKER
logo
Guangdong Youtai Semico...
TMP112A UMW-TMP112A Datasheet
756Kb / 17P
Temperature range: -55°C ~ 150°C
TMP112BIDRLR UMW-TMP112BIDRLR Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com