Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0113-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0113-S
Description  TQFP-64/PQFP-64 Stencil (0.8 mm pitch, 14 x 14 mm body)
File Size   42.07 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0113-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0113-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0113 PROTOADVANTAGE-PA0113 Datasheet
49Kb / 2P
TQFP-64/PQFP-64 to DIP-64 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
PA0113C PROTOADVANTAGE-PA0113C Datasheet
191Kb / 2P
TQFP-64/PQFP-64 to DIP-64 SMT Adapter (0.8 mm pitch, 14 x 14 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0113-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCE1 ETC1-VCE1 Datasheet
135Kb / 2P
VCE1 14 x 9.8 mm Crystal Oscillators
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
Vectron International, ...
VPE1-B1B-40M000 VECTRON-VPE1-B1B-40M000 Datasheet
118Kb / 2P
VPE1 14 x 9.8 mm Crystal Oscillators
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Yamaichi Electronics Co...
IC149-064-69 YAMAICHI-IC149-064-69 Datasheet
123Kb / 7P
QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
logo
Cooper Bussmann, Inc.
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
14 x 65 mm Photovoltaic fuse links
logo
FIBOX Enclosing innovat...
4712053 FIBOX-4712053 Datasheet
47Kb / 1P
Spacer 14 mm
26.07.2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com