Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75125PI Datasheet (PDF) - Philex Electronic Ltd.

Part # 75125PI
Description  1M USB-A to USB-C Charging Cable
File Size   144.32 Kbytes
Html View  1 
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.

75125PI Datasheet (PDF) - Philex Electronic Ltd.



Similar Part No. - 75125PI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7512 RENESAS-7512 Datasheet
870Kb / 87P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Bourns Electronic Solut...
7512-RC BOURNS-7512-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
Presto International UK...
75121 PRESTO-75121 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
APM Hexseal Corporation...
75122 APM-75122 Datasheet
1Mb / 6P
SELF-SEALING FASTENERS
logo
Vishay Siliconix
75122E3 VISHAY-75122E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results


Similar Description - 75125PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U280-004-WS3C1 TRIPPLITE-U280-004-WS3C1 Datasheet
171Kb / 3P
4-Port USB Charging Station with USB-C Charging and USB-A Auto-Sensing Ports
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com