Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3923 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # ST3923
Description  ST3923 DATA SHEET SMC Plug (Male) Termination (Load) 1 Watts To 10 GHz, 1.3 VSWR
File Size   516.54 Kbytes
Html View  1   2   3 
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST3923 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - ST3923

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST39 ETC-ST39 Datasheet
155Kb / 1P
DO-35 Case
logo
Vishay Siliconix
ST390-60T3KI VISHAY-ST390-60T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST390-60T3MI VISHAY-ST390-60T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST3917 STMICROELECTRONICS-ST3917 Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
ST3917A STMICROELECTRONICS-ST3917A Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
More results


Similar Description - ST3923

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6033 PASTERNACK-PE6033 Datasheet
108Kb / 1P
N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6049 PASTERNACK-PE6049 Datasheet
77Kb / 1P
SMC PLUG RESISTOR TERMINATION
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6808 PASTERNACK-PE6808 Datasheet
207Kb / 2P
2 Watts WR-112 RF Load Up To 10 GHz
PE6826 PASTERNACK-PE6826 Datasheet
207Kb / 2P
100 Watts WR-112 RF Load Up To 10 GHz
PE6835 PASTERNACK-PE6835 Datasheet
211Kb / 2P
300 Watts WR-112 RF Load Up To 10 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com