Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS2523A110 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BFS2523A110
Description  THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 110VAC, 2NO3NC AUXILIARY CONTACT
File Size   227.67 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BFS2523A110 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BFS2523A110

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BFS2523A024 LOVATO-BFS2523A024 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 24VAC, 2NO3NC AUXILIARY CONTACT
BFS2523A230 LOVATO-BFS2523A230 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 230VAC, 2NO3NC AUXILIARY CONTACT
More results


Similar Description - BFS2523A110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
LADN10 ETC2-LADN10 Datasheet
88Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Schneider Electric
8910DP22V14 SCHNEIDER-8910DP22V14 Datasheet
160Kb / 2P
Contactor, Definite Purpose, 25A, 2 pole, 24/24 VAC 50/60 Hz coil, open
Apr 30, 2021
LA1DZ40 SCHNEIDER-LA1DZ40 Datasheet
144Kb / 3P
Auxiliary contact block, TeSys D, 2NO (sealed) 2NO, front mounting, screw clamp terminals
Sep 7, 2021
LADN203 SCHNEIDER-LADN203 Datasheet
121Kb / 3P
IEC contactor, TeSys D, auxiliary contact block, 2 NO, front mounting, spring terminals
Sep 7, 2021
8910DP21V02 SCHNEIDER-8910DP21V02 Datasheet
175Kb / 2P
Contactor, Definite Purpose, 25A, 1 pole, 110/120 VAC 50/60 Hz coil, open
May 23, 2022
LC2D25F7 SCHNEIDER-LC2D25F7 Datasheet
113Kb / 5P
REVERSING CONTACTOR 575VAC 25A IEC
Mar 08, 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com