Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF0031A024 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF0031A024
Description  CONTROL RELAY WITH AC COIL 50/60HZ, 24VAC, 3NO AND 1NC
File Size   208.77 Kbytes
Html View  1   2   3   4   5 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF0031A024 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF0031A024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF0031A12060 LOVATO-BF0031A12060 Datasheet
205Kb / 4P
CONTROL RELAY WITH AC COIL 60HZ, 120VAC, 3NO AND 1NC
BF0031A230 LOVATO-BF0031A230 Datasheet
208Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 230VAC, 3NO AND 1NC
More results


Similar Description - BF0031A024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T9C MACOM-T9C Datasheet
133Kb / 3P
Power Relay T9C AC coil
logo
Schneider Electric
A9C30811 SCHNEIDER-A9C30811 Datasheet
87Kb / 3P
impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
Aug 26, 2020
RPM23B7 SCHNEIDER-RPM23B7 Datasheet
201Kb / 6P
Plug In Relay, Zelio Relay, power, 15A at 277VAC, 2CO contacts, 24VAC 50/60HZ coil, LED
Aug 5, 2021
RXM4AB3F7 SCHNEIDER-RXM4AB3F7 Datasheet
212Kb / 6P
Plug In Relay, Zelio Relay, miniature, 6A at 277VAC, 4CO contacts, 120VAC 50/60Hz coil, with LED
Aug 5, 2021
8501XLV02 SCHNEIDER-8501XLV02 Datasheet
137Kb / 2P
NEMA Control Relay, Type X, mechanical latch attachment, 110/120VAC 50/60Hz coil
Aug 31, 2021
CA2KN31G7 SCHNEIDER-CA2KN31G7 Datasheet
157Kb / 3P
Control Relay, TeSys K, 3 NO and 1 NC contatcts, 600V, 120VAC 50/60Hz coil
Aug 31, 2021
CA2SK20B7 SCHNEIDER-CA2SK20B7 Datasheet
144Kb / 3P
TeSys SK control relay - 2 NO - <= 690 V - 24 V AC coil
CA2SK20U7 SCHNEIDER-CA2SK20U7 Datasheet
144Kb / 3P
TeSys SK control relay - 2 NO - <= 690 V - 240 V AC coil
LADN313 SCHNEIDER-LADN313 Datasheet
136Kb / 3P
Auxiliary contact block, TeSys D, 3NO 1NC, front mounting, spring terminals
Sep 7, 2021
LADN316 SCHNEIDER-LADN316 Datasheet
150Kb / 3P
Auxiliary contact block, TeSys D, 3NO 1NC, front mounting, lugs-ring terminals
Sep 7, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com