Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF95T4E024 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF95T4E024
Description  FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 140A, AC/DC COIL, 24VAC/DC
File Size   168.72 Kbytes
Html View  1   2   3   4   5 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF95T4E024 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF95T4E024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF95T4A230 LOVATO-BF95T4A230 Datasheet
168Kb / 5P
FOUR-POLE CONTACTOR, IEC OPERATING CURRENT ITH (AC1) = 140A, AC COIL 50/60HZ, 230VAC
More results


Similar Description - BF95T4E024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
Schneider Electric
LC1D65ABNE SCHNEIDER-LC1D65ABNE Datasheet
123Kb / 4P
TeSys D contactor 3P 65A AC-3 up to 440V coil 24-60V AC/DC coil EverLink
Jan 4, 2021
DL1BDB1 SCHNEIDER-DL1BDB1 Datasheet
95Kb / 1P
WHITE LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDB3 SCHNEIDER-DL1BDB3 Datasheet
96Kb / 1P
GREEN LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDB8 SCHNEIDER-DL1BDB8 Datasheet
94Kb / 1P
YELLOW LED BA15 24VAC/DC
Aug 11, 2019
DL1BDB6 SCHNEIDER-DL1BDB6 Datasheet
96Kb / 1P
BLUE LED BA15D 24VAC/DC
Aug 11, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com