Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD80C0AFPS-CE2 Datasheet (PDF) - Rohm

Part # BD80C0AFPS-CE2
Description  For Automotive 1A, 8.0V Output LDO Regulator
File Size   1953.37 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD80C0AFPS-CE2 Datasheet (PDF) - Rohm



Similar Part No. - BD80C0AFPS-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
More results


Similar Description - BD80C0AFPS-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
1A Variable Fixed Output LDO Regulator
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
1A Variable Output LDO Regulator
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
logo
Asahi Kasei Microsystem...
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com