Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV255GS Datasheet (PDF) - Panasonic Semiconductor

Part # AQV255GS
Description  Miniature SOP6-pin type with high capacity up to Max.3A in the series
File Size   713.0 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV255GS Datasheet (PDF) - Panasonic Semiconductor



Similar Part No. - AQV255GS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV255G3S PANASONIC-AQV255G3S Datasheet
168Kb / 5P
High capacity in a miniature SOP package
AQV255G3SX PANASONIC-AQV255G3SX Datasheet
168Kb / 5P
High capacity in a miniature SOP package
AQV255G3SZ PANASONIC-AQV255G3SZ Datasheet
168Kb / 5P
High capacity in a miniature SOP package
More results


Similar Description - AQV255GS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
Panasonic Semiconductor
AQY272 PANASONIC-AQY272 Datasheet
87Kb / 4P
Flat Power-DIP4-pin type with high capacity up to 2A load current
AQZ102 PANASONIC-AQZ102 Datasheet
132Kb / 7P
Slim type with high capacity up to 4A DC load type also available
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AQ2A2-C1-T5VDC PANASONIC-AQ2A2-C1-T5VDC Datasheet
134Kb / 7P
SIL type SSR with 9mm thickness controls up to 3A
AQZ264 PANASONIC-AQZ264 Datasheet
648Kb / 3P
High capacity up to 6A in a slim SIL package
AQY212FG2S PANASONIC-AQY212FG2S Datasheet
71Kb / 3P
Space-saving SOP4-pin high capacity type with built-in input registor
logo
Axiomtek Co., Ltd.
SHB130 AXIOMTEK-SHB130_16 Datasheet
235Kb / 1P
2 DDR3 DIMM max. up to 16 GB memory capacity
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
High capacity in a miniature SOP package
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com