Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12TTS08STRRPBF Datasheet (PDF) - Vishay Siliconix

Part # 12TTS08STRRPBF
Description  Phase Control SCR, 8 A
File Size   139.59 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12TTS08STRRPBF Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 12TTS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08STRR VISHAY-12TTS08STRR Datasheet
139Kb / 7P
Phase Control SCR, 8 A
19-Aug-08
More results


Similar Description - 12TTS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
12TTS08S VISHAY-12TTS08S Datasheet
139Kb / 7P
Phase Control SCR, 8 A
19-Aug-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
Phase Control SCR, 70 A
07-Dec-10
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
09-Jul-15
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
30-Nov-2021
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
08-Jul-15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com