Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA120FA60P Datasheet (PDF) - Vishay Siliconix

Part # HFA120FA60P
Description  HEXFRED® Ultrafast Soft Recovery Diode, 60 A
File Size   164.57 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA120FA60P Datasheet (PDF) - Vishay Siliconix



Similar Part No. - HFA120FA60P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA120FA60 IRF-HFA120FA60 Datasheet
174Kb / 6P
Ultrafast, Soft Recovery Diode
More results


Similar Description - HFA120FA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
17-Oct-08
HFA60FA120P VISHAY-HFA60FA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
16-Oct-08
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 120 A
16-Oct-08
HFA60EA120P VISHAY-HFA60EA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
06-Aug-10
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
22-Jul-10
VS-HFA120FA60P VISHAY-VS-HFA120FA60P Datasheet
879Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
22-Jul-13
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 275 A
11-Jan-18
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 167 A
05-Jan-18
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF_V02 Datasheet
159Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 180 A
11-Jan-18
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF_V02 Datasheet
169Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 280 A
11-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com