Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHP-400 Datasheet (PDF) - Mini-Circuits

Part # BHP-400
Description  High Pass Filter 50廓 395 to 3200 MHz
File Size   97.05 Kbytes
Html View  1 
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BHP-400 Datasheet (PDF) - Mini-Circuits



Similar Part No. - BHP-400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BHP-100 MINI-BHP-100 Datasheet
129Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
BHP-100+ MINI-BHP-100+ Datasheet
129Kb / 1P
High Pass Filter 50廓 90 to 2000 MHz
BHP-1000 MINI-BHP-1000 Datasheet
71Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
BHP-1000+ MINI-BHP-1000+ Datasheet
71Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
BHP-150 MINI-BHP-150 Datasheet
70Kb / 1P
High Pass Filter 50廓 133 to 1000 MHz
More results


Similar Description - BHP-400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-880 MINI-HFCN-880 Datasheet
117Kb / 1P
Ceramic High Pass Filter 1060 to 3200 MHz
BHP-500 MINI-BHP-500 Datasheet
127Kb / 1P
High Pass Filter 50廓 500 to 3200 MHz
BHP-700 MINI-BHP-700 Datasheet
126Kb / 1P
High Pass Filter 50廓 700 to 3000 MHz
NHP-175 MINI-NHP-175 Datasheet
84Kb / 1P
High Pass Filter 50廓 160 to 1200 MHz
NHP-400 MINI-NHP-400 Datasheet
84Kb / 1P
High Pass Filter 50廓 395 to 3200 MHz
NHP-500 MINI-NHP-500 Datasheet
84Kb / 1P
High Pass Filter 50廓 500 to 3200 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
High Pass Filter 50廓 185 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
SHP-400 MINI-SHP-400 Datasheet
163Kb / 1P
SpecificationsHigh 50廓 395 to 3200 MHz
SHP-500 MINI-SHP-500 Datasheet
132Kb / 1P
High Pass Filter 50廓 500 to 3200 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com