Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY54011R Datasheet (PDF) - Micrel Semiconductor

Part # SY54011R
Description  Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
File Size   481.26 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54011R Datasheet (PDF) - Micrel Semiconductor



Similar Part No. - SY54011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54011RMG MICREL-SY54011RMG Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011RMGTR MICREL-SY54011RMGTR Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
More results


Similar Description - SY54011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com