| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
ISO1H801G
|
1Mb / 19P |
Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.3, Sep 2009 |
|
ISO1H802G
|
1Mb / 22P |
Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.4, Sep 2009 |
|
ISO1H811G
|
1Mb / 20P |
Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.1, May 2009 |
|
ISO1H812G
|
1Mb / 22P |
Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.2, July 2009 |
|
ISO1H816G
|
1Mb / 22P |
Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Version 2.0, July 2009 |
|
ISO2H823V25
|
2Mb / 82P |
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12 |
|
ISO1H811G
|
1Mb / 21P |
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17 |
|
ISO1H812G
|
1Mb / 23P |
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17 |
|
ISO1H815G
|
1Mb / 21P |
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20 |
|
ISO2H823V2.5
|
2Mb / 82P |
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12 |