Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM9A34 Datasheet (PDF) - American Accurate Components, Inc.

Part # SBM9A34
Description  SMT RF Frequency Mixer Double Balance
File Size   97.47 Kbytes
Html View  1 
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

SBM9A34 Datasheet (PDF) - American Accurate Components, Inc.



Similar Part No. - SBM9A34

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBM SEMTECH-SBM Datasheet
59Kb / 2P
STANDARD RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
logo
Luminus, Inc
SBM-40-HC LUMINUS-SBM-40-HC Datasheet
1Mb / 20P
High optical output at 3A
2022
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
2Mb / 20P
High optical output at 1 A
2022
SBM-40-LC LUMINUS-SBM-40-LC_V01 Datasheet
2Mb / 20P
High optical output at 1 A
2022
More results


Similar Description - SBM9A34

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
RF Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M222 MACOM-M222 Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
logo
American Accurate Compo...
DBM2109 AAC-DBM2109 Datasheet
129Kb / 2P
RF Mixer Double Balance SMD
DBM9A AAC-DBM9A Datasheet
90Kb / 1P
SMT RF Frequency Mixer Double Balance
HDM50123-0900-G AAC-HDM50123-0900-G Datasheet
180Kb / 1P
SMT RF Frequency Mixer Double Balance
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
Broadband Double-balance Mixer
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
RF Double Balanced Mixer IC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com