| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
L6220
|
231Kb / 12P |
QUAD DARLINGTON SWITCHES
Apr-1993 |
|
ULN2064B-ULN2066B
|
98Kb / 8P |
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993 |
 Allegro MicroSystems |
2064
|
203Kb / 12P |
QUAD 1.5 A DARLINGTON SWITCHES
|
|
2878
|
222Kb / 8P |
QUAD HIGH-CURRENT DARLINGTON SWITCHES
|
|
ULS-2064H
|
1Mb / 12P |
1.25 A QUAD DARLINGTON SWITCHES
|
 Mitsubishi Electric Sem... |
M5248P
|
158Kb / 3P |
4-UNIT 1.5A DARLINGTON CURRENT DIRVER
|
 STMicroelectronics |
ULN2064B
|
1,009Kb / 8P |
50V - 1.5A QUAD DARLINGTON SWITCHES
Sep-2003 |
 Maxim Integrated Produc... |
MAX14523A
|
275Kb / 10P |
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09 |
|
MAX14523A
|
349Kb / 11P |
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11 |
|
MAX14523A
|
788Kb / 11P |
250mA to 1.5A, Adjustable Current-Limit Switches
2019 |