Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHMB200BS12 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PHMB200BS12
Description  IGBT 200 A 1200 V
File Size   276.63 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB200BS12 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PHMB200BS12

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PHMB200BS12 NI-PHMB200BS12 Datasheet
276Kb / 3P
IGBT
PHMB200BS12 NI-PHMB200BS12_15 Datasheet
276Kb / 3P
IGBT
More results


Similar Description - PHMB200BS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
35 A - 1200 V - very fast IGBT
25-Jan-2008
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
30 A - 1200 V - very fast IGBT
14-May-2008
logo
Nihon Inter Electronics...
PHMB300BS12 NIEC-PHMB300BS12 Datasheet
276Kb / 3P
IGBT 300 A 1200 V
logo
Renesas Technology Corp
RJH1CD5DPQ-A0 RENESAS-RJH1CD5DPQ-A0 Datasheet
59Kb / 4P
1200 V - 15 A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N120ANTDTU FAIRCHILD-FGA25N120ANTDTU Datasheet
786Kb / 9P
1200 V, 25 A NPT Trench IGBT
FGD5T120SH FAIRCHILD-FGD5T120SH Datasheet
532Kb / 8P
1200 V, 5 A FS Trench IGBT
logo
ON Semiconductor
FGA25N120ANTDTU ONSEMI-FGA25N120ANTDTU Datasheet
1Mb / 9P
1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
logo
STMicroelectronics
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com