Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX0218A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0218A
Description  SMD 5x3.2 12.8MHz TCXO
File Size   219.05 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0218A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TX0218A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
7.0x5.0 36 MHz VCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
More results


Similar Description - TX0218A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
SMD 5x3.2 XO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
SMD 5x3.2 16.367667MHz TCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
SMD 5x3.2 18.414MHz TCXO
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
SMD 5x3.2 20.000MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com