Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10AM Datasheet (PDF) - Schurter Inc.

Part # A10AM
Description  Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
File Size   258.48 Kbytes
Html View  1   2   3 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

A10AM Datasheet (PDF) - Schurter Inc.



Similar Part No. - A10AM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A10A50X1A ANAREN-A10A50X1A Datasheet
200Kb / 2P
Chip Termination 10 Watts, 50W
More results


Similar Description - A10AM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A3BK SCHURTER-A3BK Datasheet
265Kb / 3P
Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
A10GG SCHURTER-A10GG Datasheet
281Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
D20K SCHURTER-D20K Datasheet
333Kb / 2P
Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
D20TD SCHURTER-D20TD Datasheet
373Kb / 3P
Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
A10GG SCHURTER-A10GG_V01 Datasheet
166Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
A3BK SCHURTER-A3BK_V01 Datasheet
165Kb / 3P
Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
D20K SCHURTER-D20K_V01 Datasheet
117Kb / 2P
Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com