Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-796643 Datasheet (PDF) - Tyco Electronics

Part # C-796643
Description  TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
File Size   53.54 Kbytes
Html View  1 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

C-796643 Datasheet (PDF) - Tyco Electronics



Similar Part No. - C-796643

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796640 MACOM-C-796640 Datasheet
243Kb / 2P
TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
logo
TE Connectivity Ltd
C-796640 TEC-C-796640 Datasheet
332Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
C-796641 MACOM-C-796641 Datasheet
187Kb / 2P
TERMI-BLOCK PLUG STACKING 5.00mm PITCH
C-796642 MACOM-C-796642 Datasheet
197Kb / 2P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.00mm PITCH
logo
TE Connectivity Ltd
C-796642 TEC-C-796642 Datasheet
236Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - C-796643

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796644 MACOM-C-796644 Datasheet
56Kb / 1P
TERMI BLOK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-796695 MACOM-C-796695 Datasheet
59Kb / 1P
TERMI BLOK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546109 MACOM-C-1546109 Datasheet
63Kb / 1P
TERMI-BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1546111 MACOM-C-1546111 Datasheet
55Kb / 1P
TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1546211 MACOM-C-1546211 Datasheet
53Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
C-796636 MACOM-C-796636 Datasheet
186Kb / 2P
TERMI-BLOCK HEADER ASSEMBLY 180 ?, CLOSED ENDS, 5.08mm PITCH
C-796637 MACOM-C-796637 Datasheet
115Kb / 1P
TERMI - BLOK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.08mm PITCH
C-796642 MACOM-C-796642 Datasheet
197Kb / 2P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.00mm PITCH
C-796698 MACOM-C-796698 Datasheet
91Kb / 1P
TERMINAL BLOK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com