| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV8675
|
166Kb / 15P |
350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3 |
|
NCV8660
|
177Kb / 14P |
Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9 |
|
NCV8665
|
147Kb / 11P |
150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1 |
|
NCV8675DT50RKG
|
201Kb / 16P |
350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7 |
|
NCV8660C
|
144Kb / 11P |
Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0 |
|
NCV8669
|
212Kb / 14P |
Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1 |
|
NCV8769
|
239Kb / 14P |
Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1 |
|
NCV8660B
|
173Kb / 14P |
Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4 |
|
NCV8660B
|
133Kb / 14P |
Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5 |
|
NCV8768C
|
560Kb / 19P |
LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0 |