Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192020055 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0192020055
Description  NylaKrimp??Butt Splice for 6 AWG Wire
File Size   68.55 Kbytes
Html View  1   2 
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192020055 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0192020055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020051 MOLEX4-0192020051 Datasheet
109Kb / 3P
BUTT SPLICE NYLAKRIMP TAPED (CS-N-346T)
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0192020054 MOLEX-0192020054 Datasheet
30Kb / 2P
Splices
04/01/2019
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
NylaKrimp??Butt Splice for 4 AWG Wire
More results


Similar Description - 0192020055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
InsulKrimp??Butt Splice for 2 AWG Wire
0192150042 MOLEX4-0192150042 Datasheet
108Kb / 3P
Step Down Butt Splice for 6-8 AWG Wire
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
Nylakrimp??Butt Splice for 18-22 AWG Wire
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 2 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
Nylakrimp??Butt Splice for 10-12 AWG Wire
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
NylaKrimp??Butt Splice for 4 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
InsulKrimp??Butt Splice for 6 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
Nylakrimp??Butt Splice for 14-16 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 6 AWG Wire
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com