Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191640075 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0191640075
Description  Perma-Seal??Male Quick Disconnect Tab for 10-12 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
File Size   111.9 Kbytes
Html View  1   2 
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191640075 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0191640075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640070 MOLEX4-0191640070 Datasheet
82Kb / 2P
Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191640074 MOLEX4-0191640074 Datasheet
129Kb / 3P
Perma-Seal??3-Way Connector Assembly for 10-12 AWG Wire
0191640076 MOLEX4-0191640076 Datasheet
113Kb / 2P
Perma-Seal??Female Quick Disconnect Receptacle for 10-12 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
0191640077 MOLEX4-0191640077 Datasheet
83Kb / 2P
Perma-Seal??Step Down Butt Splice from 10-12 AWG to 14-16 AWG
0191640079 MOLEX4-0191640079 Datasheet
106Kb / 2P
Perma-Seal??Butt Splice for 8 AWG Wire
More results


Similar Description - 0191640075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640015 MOLEX4-0191640015 Datasheet
113Kb / 2P
Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0191640047 MOLEX4-0191640047 Datasheet
86Kb / 2P
Perma-Seal??Female Quick Disconnect for 14-16 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0190250005 MOLEX4-0190250005 Datasheet
132Kb / 2P
Avikrimp??Quick Disconnect for 10-12 AWG Wire, Male, 6.35mm (.250") x 0.81mm(032") Tab
0191640016 MOLEX4-0191640016 Datasheet
112Kb / 3P
Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250
0197054201 MOLEX4-0197054201 Datasheet
119Kb / 2P
PCB Tab Quick Disconnect, Male, for Wire, Box, Tab 6.35mm (.250") x 0.81mm (.032")
0191640076 MOLEX4-0191640076 Datasheet
113Kb / 2P
Perma-Seal??Female Quick Disconnect Receptacle for 10-12 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
0191640059 MOLEX4-0191640059 Datasheet
83Kb / 2P
Perma-Seal??Female Quick Disconnect for 10-12 AWG Wire, Tab Size 6.35mm(.250
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
0191640012 MOLEX4-0191640012 Datasheet
85Kb / 2P
Perma-Seal??Female Quick Disconnect for 18-22 AWG Wire, Tab Size 6.35mm(.250
0191640048 MOLEX4-0191640048 Datasheet
113Kb / 2P
Perma-Seal??Male Quick Disconnect Tab for 14-16 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com