| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS4220V
|
119Kb / 13P |
20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006 |
|
PBSS302NZ
|
102Kb / 14P |
20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006 |
|
PBSS301NX
|
197Kb / 15P |
12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-17 November 2009 |
|
PBSS301PX
|
196Kb / 15P |
12 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02-17 November 2009 |
|
PBSS303PZ
|
172Kb / 14P |
30 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009 |
|
PBSS4021NX
|
257Kb / 14P |
20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012 |
 Nexperia B.V. All right... |
PBSS301NX
|
310Kb / 16P |
12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009 |
|
PBSS301PX
|
310Kb / 16P |
12 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009 |
|
PBSS302NX
|
310Kb / 16P |
20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |
|
PBSS303PZ
|
285Kb / 15P |
30 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |