Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP125N02R Datasheet (PDF) - ON Semiconductor

Part # NTP125N02R
Description  Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
File Size   90.27 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP125N02R Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTP125N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP125N02R ONSEMI-NTP125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTP125N02RG VBSEMI-NTP125N02RG Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - NTP125N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NTB5405N ONSEMI-NTB5405N Datasheet
114Kb / 7P
Power MOSFET 40 V, 116 A, Single N?묬hannel, D2PAK
November, 2008 ??Rev. 2
NTP18N06 ONSEMI-NTP18N06 Datasheet
90Kb / 8P
Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 4
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com