Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC966LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC966LP4E
Description  GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
File Size   1146.74 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC966LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC966LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC960LP4E HITTITE-HMC960LP4E Datasheet
2Mb / 20P
DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
logo
Analog Devices
HMC960LP4E AD-HMC960LP4E Datasheet
1Mb / 20P
DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
More results


Similar Description - HMC966LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC977LP4E HITTITE-HMC977LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 20 - 28 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC570 HITTITE-HMC570_11 Datasheet
393Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC977 AD-HMC977 Datasheet
797Kb / 20P
GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
11/2019-v02.0815 to Rev. D
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com