Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1 Datasheet (PDF) - Pan Jit International Inc.

Part # 1A1
Description  MINIATURE PLASTIC SILICON RECTIFIER
File Size   74.79 Kbytes
Html View  1   2 
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1A1 Datasheet (PDF) - Pan Jit International Inc.



Similar Part No. - 1A1_09

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
Surface Mountable
1A1307-10 ANAREN-1A1307-10 Datasheet
221Kb / 2P
Directional Couplers 10 dB
logo
List of Unclassifed Man...
1A1907 ETC1-1A1907 Datasheet
102Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1907 COOPER-1A1907 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A1907 EATON-1A1907 Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results


Similar Description - 1A1_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M100 ETC-M100 Datasheet
92Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1A1 PANJIT-1A1_07 Datasheet
75Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
Chenmko Enterprise Co. ...
GP200PT CHENMKO-GP200PT Datasheet
81Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RL201 CHENG-YI-RL201 Datasheet
112Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
logo
SHENZHEN KOO CHIN ELECT...
1A1 KOOCHIN-1A1 Datasheet
382Kb / 2P
MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
1AX HORNBY-1AX Datasheet
248Kb / 3P
MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Feb-16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com