Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8509 Datasheet (PDF) - Vectron International, Inc

Part # 8509
Description  Oven Controlled Crystal Oscillators
File Size   511.35 Kbytes
Html View  1   2   3   4 
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

8509 Datasheet (PDF) - Vectron International, Inc



Similar Part No. - 8509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
85090 ETC2-85090 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.27x0.27 inch size Higher Current Series
logo
Huber+Suhner, Inc.
85090168 HUBERSUHNER-85090168 Datasheet
334Kb / 3P
Duplex_LC unib. XD-LC unib. XD_APC_2.1mm_yellow_SM/A2
85090352 HUBERSUHNER-85090352 Datasheet
172Kb / 2P
COAXIAL CONNECTOR, QMA, 50 Ohm, Right angle PCB jack (female)
85090525 HUBERSUHNER-85090525 Datasheet
303Kb / 3P
Simplex_LC pushpull-SC_APC/UPC_2.0mm_yellow_SM/A2
85090526 HUBERSUHNER-85090526 Datasheet
303Kb / 3P
Simplex_LC pushpull-SC_APC/UPC_2.0mm_yellow_SM/A2
More results


Similar Description - 8509

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillators
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com