Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB60-05 Datasheet (PDF) - Sanyo Semicon Device

Part # SB60-05
Description  50V, 6A Rectifier
File Size   79.19 Kbytes
Html View  1   2   3 
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB60-05 Datasheet (PDF) - Sanyo Semicon Device



Similar Part No. - SB60-05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB60-05 SANYO-SB60-05 Datasheet
72Kb / 3P
50V, 6A Rectifier
SB60-05J SANYO-SB60-05J Datasheet
72Kb / 3P
50V, 6A Rectifier
SB60-05K SANYO-SB60-05K Datasheet
73Kb / 3P
50V, 6A Rectifier
More results


Similar Description - SB60-05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB005W03 SANYO-SB005W03 Datasheet
51Kb / 2P
50V, 6A Rectifier
SB60-05J SANYO-SB60-05J Datasheet
72Kb / 3P
50V, 6A Rectifier
SB60-05K SANYO-SB60-05K Datasheet
73Kb / 3P
50V, 6A Rectifier
logo
Diodes Incorporated
DSR6V600D1_1010 DIODES-DSR6V600D1_1010 Datasheet
97Kb / 4P
6A DIODESTAR RECTIFIER
Rev erse
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
6A DIODESTAR RECTIFIER
Rev 3
logo
Digitron Semiconductors
MUR605CT DIGITRON-MUR605CT Datasheet
139Kb / 2P
6A SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
6A, 50V - 1000V Glass Passivated Bridge Rectifier
logo
KIA Semiconductor Techn...
06065A KIA-06065A Datasheet
64Kb / 3P
6A竊?50V Silicon Carbide Diode
logo
Rohm
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
PNP -6A -50V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com