| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
LRI512
|
351Kb / 54P |
Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
16-Jul-2002 |
 List of Unclassifed Man... |
RWM600
|
123Kb / 1P |
ISO/IEC 15693 READER MODULE
|
 fujitsu semiconductor |
MB89R118
|
401Kb / 45P |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
|
 Maxim Integrated Produc... |
DS1992
|
326Kb / 17P |
1Kb/4Kb Memory iButton짰
REV: 101408 |
|
MAX66020
|
360Kb / 25P |
ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
Rev 0; 12/10 |
|
MAX66100
|
223Kb / 16P |
ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11 |
 STMicroelectronics |
AN3163
|
232Kb / 13P |
Configuring your ISO 15693 reader
24-Oct-2012 |
 Texas Instruments |
RF430FRL152H
|
682Kb / 51P |
RF430FRL15xH NFC ISO 15693 Sensor Transponder
|
 Maxim Integrated Produc... |
MAX66140
|
191Kb / 21P |
ISO 15693-Compliant Secure Memory
Rev 1; 1/11 |
|
DS2502
|
693Kb / 24P |
1Kb Add-Only Memory
2015 |