| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BGA734L16
|
774Kb / 31P |
Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008 |
|
BGA735N16
|
2Mb / 33P |
High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23 |
|
BGA736L16
|
1Mb / 45P |
Tri-Band HSDPA LNA (2100, 1900/2100, 800/900 MHz)
V2.1, July 2008 |
|
BGA748N16
|
2Mb / 31P |
High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.0, 2010-11-08 |
|
BGA748L16
|
2Mb / 31P |
High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.2, 2010-06-18 |
|
BGA734L16
|
1Mb / 39P |
Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16 |
 Taoglas antenna solutio... |
PC29070100A
|
972Kb / 11P |
TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
|
|
PC29090100A
|
941Kb / 11P |
TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
|
 Infineon Technologies A... |
BGA771L16
|
942Kb / 33P |
High Linearity Dual-Band UMTS LNA
V3.0, August 2008 |
 Taoglas antenna solutio... |
PC29.09.0100A
|
1Mb / 11P |
TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
|