| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMS4802N
|
116Kb / 5P |
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0 |
|
NTMS4873NF
|
120Kb / 6P |
Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1 |
|
NTMS4920N
|
137Kb / 5P |
Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1 |
|
NTMS4935N
|
142Kb / 5P |
Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0 |
|
NTMS4939N
|
141Kb / 5P |
Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0 |
|
NTMFS4823N
|
141Kb / 6P |
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2 |
|
NTMS4801N
|
140Kb / 5P |
Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2 |
|
NTMS4872N
|
118Kb / 5P |
Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2 |
|
NTMS4917N
|
114Kb / 5P |
Power MOSFET 30 V, 10.5 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
April, 2011 ??Rev. 0 |
|
NTMD5838NL
|
116Kb / 6P |
Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Optimized Gate Charge
April, 2011 ??Rev. 0 |